Part Number Hot Search : 
AN1A4ZC ZVG85WA U1001 KBPC4000 D44H10 11506 MGRB2018 2SK210
Product Description
Full Text Search
 

To Download IS45LV44002B-50JA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  integrated silicon solution, inc. ? 1-800-379-4774 1 rev. a 09/12/05 is45lv44002b issi ? copyright ? 2005 integrated silicon solution, inc. all rights reserved. issi reserves the right to make changes to this speci fication and its products at any time without notice. issi assumes no liability arising out of the application or use of any information, products or services desc ribed herein. customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders fo r products. features ? extended data-out (edo) page mode access cycle  ttl compatible inputs and outputs  refresh interval: ? 2,048 cycles/32 ms  refresh mode: ras -only, cas -before- ras (cbr), and hidden  single power supply: 3.3v 10%  byte write and byte read operation via two cas  automotive temperature range option a1: -40c to +85c  lead-free available description the issi is45lv44002b is 4,194,304 x 4-bit high-performance cmos dynamic random access memory. these de- vices offer an accelerated cycle access called edo page mode. edo page mode allows 2,048 random accesses within a single row with access cycle time as short as 20 ns per 4-bit word. these features make the is45lv44002b ideally suited for high-bandwidth graphics, digital signal processing, high- performance computing systems, and peripheral applications. the is45lv44002b is packaged in a 24-pin 300-mil soj with jedec standard pinouts. 4m x 4 (16-mbit) dynamic ram with edo page mode september 2005 key timing parameters parameter -50 unit ras access time (t rac )50ns cas access time (t cac )13ns column address access time (t aa )25 ns edo page mode cycle time (t pc )20 ns read/write cycle time (t rc )84ns product series overview part no. refresh voltage is45lv44002b 2k 3.3v 10% 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 vdd i/o0 i/o1 we ras nc a10 a0 a1 a2 a3 vdd gnd i/o3 i/o2 cas oe a9 a8 a7 a6 a5 a4 gnd pin descriptions a0-a10 address inputs i/o0-3 data inputs/outputs we write enable oe output enable ras row address strobe cas column address strobe v dd power gnd ground nc no connection pin configuration: 24-pin soj
2 integrated silicon solution, inc. ? 1-800-379-4774 rev. a 09/12/05 is45lv44002b issi ? functional block diagram o e we cas cas we oe data i/o bus column decoders sense amplifiers memory array 4,194,304 x 4 row decoder data i/o buffers cas control logic we control logics oe control logic i/o0-i/o3 ras ras a0-a10 ras clock generator refresh counter address buffers truth table function ras ras ras ras ras cas cas cas cas cas we we we we we oe oe oe oe oe address t r /t c i/o standby h h x x x high-z read l l h l row/col d out write: word (early write) l l l x row/col d in read-write l l h ll h row/col d out , d in edo page-mode read 1st cycle: l h l h l row/col d out 2nd cycle: l h l h l na/col d out edo page-mode write 1st cycle: l h l l x row/col d in 2nd cycle: l h l l x na/col d in edo page-mode 1st cycle: l h lh ll h row/col d out , d in read-write 2nd c ycle: l h lh ll h na/col d out , d in hidden refresh read l h l l h l row/col d out write (1) l h l l l x row/col d out ras -only refresh l h x x row/na high-z cbr refresh h l l x x x high-z note: 1. early write only.
integrated silicon solution, inc. ? 1-800-379-4774 3 rev. a 09/12/05 is45lv44002b issi ? functional description the is45lv44002b is a cmos drams optimized for high-speed bandwidth, low power applications. during read or write cycles, each bit is uniquely addressed through the 11 address bits. these are entered 11 bits (a0-a10) at a time for the 2k refresh device. the row address is latched by the row address strobe ( ras ). the column address is latched by the column address strobe ( cas ). ras is used to latch the first nine bits and cas is used the latter ten bits. memory cycle a memory cycle is initiated by bringing ras low and it is terminated by returning both ras and cas high. to ensures proper device operation and data integrity any memory cycle, once initiated, must not be ended or aborted before the minimum t ras time has expired. a new cycle must not be initiated until the minimum precharge time t rp , t cp has elapsed. read cycle a read cycle is initiated by the falling edge of cas or oe , whichever occurs last, while holding we high. the column address must be held for a minimum time specified by t ar . data out becomes valid only when t rac , t aa , t cac and t oea are all satisfied. as a result, the access time is dependent on the timing relationships between these parameters. write cycle a write cycle is initiated by the falling edge of cas and we , whichever occurs last. the input data must be valid at or before the falling edge of cas or we , whichever occurs last. auto refresh cycle to retain data, 2,048 refresh cycles are required in each 32 ms period. there are two ways to refresh the memory: 1. by clocking each of the 2,048 row addresses (a0 through a10) with ras at least once every 32 ms. any read, write, read-modify-write or ras-only cycle re- freshes the addressed row. 2. using a cas -before- ras refresh cycle. cas -before- ras refresh is activated by the falling edge of ras , while holding cas low. in cas -before- ras refresh cycle, an internal 9-bit counter provides the row addresses and the external address inputs are ignored. cas -before- ras is a refresh-only mode and no data access or device selection is allowed. thus, the output remains in the high-z state during the cycle. power-on after application of the v dd supply, an initial pause of 200 s is required followed by a minimum of eight initialization cycles (any combination of cycles containing a ras signal). during power-on, it is recommended that ras track with v dd or be held at a valid v ih to avoid current surges.
4 integrated silicon solution, inc. ? 1-800-379-4774 rev. a 09/12/05 is45lv44002b issi ? absolute maximum ratings (1) symbol par ameters rating unit v t voltage on any pin relative to gnd ?0.5 to +4.6 v v dd supply voltage ?0.5 to +4.6 v i out output current 50 ma p d power dissipation 1 w t a operating temperature -40 to +85 c t stg storage temperature ?55 to +125 c note: 1. stress greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. recommended operating conditions (voltages are referenced to gnd.) symbol parameter min. typ. max. unit v dd supply voltage 3.0 3.3 3.6 v v ih input high voltage 2.0 ? v dd + 0.3 v v il input low voltage ?0.3 ? 0.8 v t a automotive ambient temperature (a1) -40 ? +85 c capacitance (1,2) symbol parameter max. unit c in 1 input capacitance: a0-a10 5 pf c in 2 input capacitance: ras , cas , we , oe 7pf c io data input/output capacitance: i/o0-i/o3 7 pf notes: 1. tested initially and after any design or process changes that may affect these parameters. 2. test conditions: t a = 25c, f = 1 mhz.
integrated silicon solution, inc. ? 1-800-379-4774 5 rev. a 09/12/05 is45lv44002b issi ? electrical characteristics (1) (recommended operating conditions unless otherwise noted.) symbol parameter test condition speed min. max. unit i il input leakage current any input 0v v in v dd ?5 5 a other inputs not under test = 0v i io output leakage current output is disabled (hi-z) ?5 5 a 0v v out v dd v oh output high voltage level i oh = ?2.0 ma, v dd = 3.3v 2.4 ? v v ol output low voltage level i ol = 2 ma, v dd = 3.3v ? 0.4 v i cc 1 standby current: ttl ras , cas v ih ?2ma i cc 2 standby current: cmos ras , cas v dd ? 0.2v ? 0.5 ma i cc 3 operating current: ras , cas , -50 ? 120 ma random read/write (2,3,4) address cycling, t rc = t rc (min.) average power supply current i cc 4 operating current: ras = v il , cas , -50 ? 90 ma edo page mode (2,3,4) cycling t pc = t pc (min.) average power supply current i cc 5 refresh current: ras cycling, cas v ih -50 ? 120 ma ras -only (2,3) t rc = t rc (min.) average power supply current i cc 6 refresh current: ras , cas cycling -50 ? 120 ma cbr (2,3,5) t rc = t rc (min.) average power supply current notes: 1. an initial pause of 200 s is required after power-up followed by eight ras refresh cycles ( ras -only or cbr) before proper device operation is assured. the eight ras cycles wake-up should be repeated any time the t ref refresh requirement is exceeded. 2. dependent on cycle rates. 3. specified values are obtained with minimum cycle time and the output open. 4. column-address is changed once each edo page cycle. 5. enables on-chip refresh and address counters.
6 integrated silicon solution, inc. ? 1-800-379-4774 rev. a 09/12/05 is45lv44002b issi ? ac characteristics (1,2,3,4,5,6) (recommended operating conditions unless otherwise noted.) -50 symbol parameter min. max. units t rc random read or write cycle time 84 ? ns t rac access time from ras (6, 7) ?50 ns t cac access time from cas (6, 8, 15) ?13 ns t aa access time from column-address (6) ?25 ns t ras ras pulse width 50 10k ns t rp ras precharge time 30 ? ns t cas cas pulse width (23) 8 10k ns t cp cas precharge time (9) 9? ns t csh cas hold time (21) 38 ? ns t rcd ras to cas delay time (10, 20) 12 37 ns t asr row-address setup time 0 ? ns t rah row-address hold time 8 ? ns t asc column-address setup time (20) 0? ns t cah column-address hold time (20) 8? ns t ar column-address hold time 30 ? ns (referenced to ras ) t rad ras to column-address delay time (11) 10 25 ns t ral column-address to ras lead time 25 ? ns t rpc ras to cas precharge time 5 ? ns t rsh ras hold time 8 ? ns t rhcp ras hold time from cas precharge 30 ? ns t clz cas to output in low-z (15, 24) 0? ns t crp cas to ras precharge time (21) 5? ns t od output disable time (19, 24) 315 ns t oe output enable time (15, 16) ?12 ns t oed output enable data delay (write) 12 ? ns t oehc oe high hold time from cas high 5 ? ns t oep oe high pulse width 10 ? ns t oes oe low to cas high setup time 5 ? ns t rcs read command setup time (17, 20) 0? ns t rrh read command hold time 0 ? ns (referenced to ras ) (12) t rch read command hold time 0 ? ns (referenced to cas ) (12, 17, 21) t wch write command hold time (17) 8? ns t wcr write command hold time 40 ? ns (referenced to ras ) (17) t wp write command pulse width (17) 8? ns t wpz we pulse widths to disable outputs 7 ? ns
integrated silicon solution, inc. ? 1-800-379-4774 7 rev. a 09/12/05 is45lv44002b issi ? ac characteristics (continued) (1,2,3,4,5,6) (recommended operating conditions unless otherwise noted.) -50 symbol parameter min. max. units t rwl write command to ras lead time (17) 13 ? ns t cwl write command to cas lead time (17, 21) 8? ns t wcs write command setup time (14, 17, 20) 0? ns t dhr data-in hold time (referenced to ras )39?ns t ach column-address setup time to cas 15 ? ns precharge during write cycle t oeh oe hold time from we during 8 ? ns read-modify-write cycle (18) t ds data-in setup time (15, 22) 0? ns t dh data-in hold time (15, 22) 8? ns t rwc read-modify-write cycle time 108 ? ns t rwd ras to we delay time during 64 ? ns read-modify-write cycle (14) t cwd cas to we delay time (14, 20) 26 ? ns t awd column-address to we delay time (14) 39 ? ns t pc edo page mode read or write 20 ? ns cycle time t rasp ras pulse width in edo page mode 50 100k ns t cpa access time from cas precharge (15) ?30 ns t prwc edo page mode read-write 56 ? ns cycle time t coh data output hold after cas low 5 ? ns t off output buffer turn-off delay from 0 12 ns cas or ras (13,15,19, 24) t whz output disable delay from we 310 ns t csr cas setup time (cbr refresh) (20, 25) 5? ns t chr cas hold time (cbr refresh) ( 21, 25) 8? ns t ord oe setup time prior to ras during 0 ? ns hidden refresh cycle t ref auto refresh period 2,048 cycles ? 32 ms t t transition time (rise or fall) (2, 3) 150 ns ac test conditions output load: two ttl loads and 50 pf input timing reference levels: v ih = 2.4v, v il = 0.8v output timing reference levels: v oh = 2.0v, v ol = 0.8v
8 integrated silicon solution, inc. ? 1-800-379-4774 rev. a 09/12/05 is45lv44002b issi ? notes: 1. an initial pause of 200 s is required after power-up followed by eight ras refresh cycle ( ras -only or cbr) before proper device operation is assured. the eight ras cycles wake-up should be repeated any time the t ref refresh requirement is exceeded. 2. v ih (min) and v il (max) are reference levels for measuring timing of input signals. transition times, are measured between v ih and v il (or between v il and v ih ) and assume to be 1 ns for all inputs. 3. in addition to meeting the transition rate specification, all input signals must transit between v ih and v il (or between v il and v ih ) in a monotonic manner. 4. if cas and ras = v ih , data output is high-z. 5. if cas = v il , data output may contain data from the last valid read cycle. 6. measured with a load equivalent to one ttl gate and 50 pf. 7. assumes that t rcd t rcd (max). if t rcd is greater than the maximum recommended value shown in this table, t rac will increase by the amount that t rcd exceeds the value shown. 8. assumes that t rcd t rcd (max). 9. if cas is low at the falling edge of ras , data out will be maintained from the previous cycle. to initiate a new cycle and clear the data output buffer, cas and ras must be pulsed for t cp . 10. operation with the t rcd (max) limit ensures that t rac (max) can be met. t rcd (max) is specified as a reference point only; if t rcd is greater than the specified t rcd (max) limit, access time is controlled exclusively by t cac . 11. operation within the t rad (max) limit ensures that t rcd (max) can be met. t rad (max) is specified as a reference point only; if t rad is greater than the specified t rad (max) limit, access time is controlled exclusively by t aa . 12. either t rch or t rrh must be satisfied for a read cycle. 13. t off (max) defines the time at which the output achieves the open circuit condition; it is not a reference to v oh or v ol . 14. t wcs , t rwd , t awd and t cwd are restrictive operating parameters in late write and read-modify-write cycle only. if t wcs t wcs (min), the cycle is an early write cycle and the data output will remain open circuit throughout the entire cycle. if t rwd t rwd (min), t awd t awd (min) and t cwd t cwd (min), the cycle is a read-write cycle and the data output will contain data read from the selected cell. if neither of the above conditions is met, the state of i/o (at access time and until cas and ras or oe go back to v ih ) is indeterminate. oe held high and we taken low after cas goes low result in a late write ( oe -controlled) cycle. 15. output parameter (i/o) is referenced to corresponding cas input. 16. during a read cycle, if oe is low then taken high before cas goes high, i/o goes open. if oe is tied permanently low, a late write or read-modify-write is not possible. 17. write command is defined as we going low. 18. late write and read-modify-write cycles must have both t od and t oeh met ( oe high during write cycle) in order to ensure that the output buffers will be open during the write cycle. the i/os will provide the previously written data if cas remains low and oe is taken back to low after t oeh is met. 19. the i/os are in open during read cycles once t od or t off occur. 20. determined by falling edge of cas . 21. determined by rising edge of cas . 22. these parameters are referenced to cas leading edge in early write cycles and we leading edge in late write or read- modify-write cycles. 23. cas must meet minimum pulse width. 24. the 3 ns minimum is a parameter guaranteed by design. 25. enables on-chip refresh and address counters.
integrated silicon solution, inc. ? 1-800-379-4774 9 rev. a 09/12/05 is45lv44002b issi ? read cycle note: 1. t off is referenced from rising edge of ras or cas , whichever occurs last. t ras t rc t rp t ar t cah t asc t rad t ral oe i/o we address cas ras row column row open open valid data t csh t cas t rsh t crp t clch t rcd t rah t asr t rrh t rch t rcs t aa t cac t off (1) t rac t clc t oes t oe t od don?t care
10 integrated silicon solution, inc. ? 1-800-379-4774 rev. a 09/12/05 is45lv44002b issi ? early write cycle ( oe = don't care) t ras t rc t rp t ar t cah t asc t rad t ral t ach i/o we address cas ras row column row t csh t cas t rsh t crp t clch t rcd t rah t asr t cwl t wcr t wch t rwl t wp t wcs t dh t ds t dhr valid data don?t care
integrated silicon solution, inc. ? 1-800-379-4774 11 rev. a 09/12/05 is45lv44002b issi ? read write cycle (late write and read-modify-write cycles) t ras t rwc t rp t ar t cah t asc t rad t ral t ach we oe address cas ras row column row t csh t cas t rsh t crp t clch t rcd t rah t asr t rwd t cwl t cwd t rwl t awd t wp t rcs t cac t clz t ds t dh t oeh t od t oe t rac t aa i/o open open valid d out valid d in don?t care
12 integrated silicon solution, inc. ? 1-800-379-4774 rev. a 09/12/05 is45lv44002b issi ? edo-page-mode read cycle note: 1. t pc can be measured from falling edge of cas to falling edge of cas , or from rising edge of cas to rising edge of cas . both measurements must meet the t pc specifications. t rasp t rp address cas ras row row t cas, t clch t crp t rcd t csh t cp t cas, t clch t cah t cas, t clch t ral t rsh t cp t cp t pc (1) t asr t rah t rad t ar column column t cah t cah column t asc t asc oe i/o we open ope n valid data t aa t aa t cpa t cac t cac t rac t coh t clz t oep t oe t oes t oes t od t oe t oehc valid data t rch t rrh t aa t cpa t cac t off t clz valid data t od t asc t rcs don?t care
integrated silicon solution, inc. ? 1-800-379-4774 13 rev. a 09/12/05 is45lv44002b issi ? edo-page-mode early-write cycle t rasp t rp address cas ras row row t cas, t clch t crp t rcd t csh t cp t cas, t clch t cah t cas, t clch t ral t rsh t cp t cp t pc t asr t rah t rad t ar t ach column column t ach t ach t cah t cah column t asc t asc oe i/o we valid data t asc t wcs t wch t cwl t wp t wcs t wch t cwl t wp t ds t dh t dhr t wcr t wcs t wch t cwl t wp valid data t ds t dh valid data t ds t rwl t dh don?t care
14 integrated silicon solution, inc. ? 1-800-379-4774 rev. a 09/12/05 is45lv44002b issi ? edo-page-mode read-write cycle (late write and read-modify write cycles) note: 1. t pc can be measured from falling edge of cas to falling edge of cas , or from rising edge of cas to rising edge of cas . both measurements must meet the t pc specifications. t rasp t rp address cas ras row row t crp t rcd t csh t cp t cah t cas, t clch t ral t rsh t cp t cp t rah t rad t ar t asr column column t cah t cah column t asc t asc t cas, t clch t cas, t clch oe i/o we t asc t rwd t rcs t cwl t wp t awd t cwd t dh t ds t cac t clz t awd t cwd t cwl t wp t awd t cwd t cwl t rwl t wp open open d in d out t oe t oe t oe t od t oeh t od t od t dh t ds t cpa t aa t cac t clz d in d out t dh t ds t cac t clz d in d out t cpa t aa t rac t aa t pc / t prwc (1) don?t care
integrated silicon solution, inc. ? 1-800-379-4774 15 rev. a 09/12/05 is45lv44002b issi ? edo-page-mode read-early-write cycle (pseudo read-modify write) t rasp t rp address cas ras row row t crp t rcd t pc t csh t cp t cah t cas t ral t rsh t cp t cp t ach t rah t rad t ar t asr column (a) column (n) t cah t cah column (b) t asc t asc t cas t cas oe i/o we t asc t cac t rch t dh open open valid data (a) t oe t wcs t cac t coh d in t cpa t wch t rac t aa t pc valid data (b) t whz t ds t rcs t aa don?t care
16 integrated silicon solution, inc. ? 1-800-379-4774 rev. a 09/12/05 is45lv44002b issi ? ac waveforms read cycle (with we -controlled disable) ras ras ras ras ras -only refresh cycle ( oe , we = don't care) t ar t cah t asc t asc t rad oe i/o we address cas ras row column open open valid data t csh t cas t crp t rcd t cp t rah t asr t rch t rcs t rcs t aa t cac t whz t rac t clz t clz t oe t od column t ras t rc t rp i/o address cas ras row row open t crp t rah t asr t rpc don?t care don?t care
integrated silicon solution, inc. ? 1-800-379-4774 17 rev. a 09/12/05 is45lv44002b issi ? hidden refresh cycle (1) ( we = high; oe = low) cbr cbr cbr cbr cbr refresh cycle (addresses; we , oe = don't care) notes: 1. a hidden refresh may also be performed after a write cycle. in this case, we = low and oe = high. 2. t off is referenced from rising edge of ras or cas , whichever occurs last. t ras t ras t rp t rp i/o cas ras open t cp t rpc t csr t chr t rpc t csr t chr t ras t ras t rp cas ras t crp t rcd t rsh t chr t ar t asc t rad address row column t rah t asr t ral t cah i/o open open valid data t aa t cac t rac t clz t off (2) oe t oe t ord t od don?t care don?t care
18 integrated silicon solution, inc. ? 1-800-379-4774 rev. a 09/12/05 is45lv44002b issi ? ordering information automotive range: -40c to 85c speed (ns) order part no. refresh package 50 IS45LV44002B-50JA1 2k 300-mil soj 50 is45lv44002b-50jla1 2k 300-mil soj, lead-free
packaging information issi ? integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. d 02/25/03 copyright ? 2003 integrated silicon solution, inc. all rights reserved. issi reserves the right to make changes to this speci fication and its products at any time without notice. issi assumes no liability arising out of the application or use of any information, products or services desc ribed herein. customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders fo r products. 300-mil plastic soj package code: j notes: 1. controlling dimension: inches, unless otherwise specified. 2. bsc = basic lead spacing between centers. 3. dimensions d and e1 do not include mold flash protrusions and should be measured from the bottom of the package . 4. formed leads shall be planar with respect to one another within 0.004 inches at the seating plane. millimeters inches sym. min. typ. max. min. typ. max. n0. leads 24/26 a 3.56 0.140 a1 0.64 0.025 a2 2.41 2.67 0.095 0.105 b 0.41 0.51 0.016 0.020 b 0.66 0.81 0.026 0.032 c 0.20 0.25 0.008 0.010 d 17.02 17.27 0.670 0.680 e 8.26 8.76 0.325 0.345 e1 7.49 7.75 0.295 0.305 e2 6.27 7.29 0.247 0.287 e 1.27 bsc 0.050 bsc seating plane 1 n e1 d e2 e b e a1 a b c a2
packaging information issi ? 2 integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. d 02/25/03 millimeters inches sym. min. typ. max. min. typ. max. n0. leads 28 a 3.56 0.140 a1 0.64 0.025 a2 2.41 2.67 0.095 0.105 b 0.41 0.51 0.016 0.020 b 0.66 0.81 0.026 0.032 c 0.20 0.25 0.008 0.010 d 18.29 18.54 0.720 0.730 e 8.26 8.76 0.325 0.345 e1 7.49 7.75 0.295 0.305 e2 6.27 7.29 0.247 0.287 e 1.27 bsc 0.050 bsc millimeters inches sym. min. typ. max. min. typ. max. n0. leads 32 a 3.56 0.140 a1 0.64 0.025 a2 2.41 2.67 0.095 0.105 b 0.41 0.51 0.016 0.020 b 0.66 0.81 0.026 0.032 c 0.20 0.25 0.008 0.010 d 20.83 21.08 0.820 0.830 e 8.26 8.76 0.325 0.345 e1 7.49 7.75 0.295 0.305 e2 6.27 7.29 0.247 0.287 e 1.27 bsc 0.050 bsc 300-mil plastic soj package code: j


▲Up To Search▲   

 
Price & Availability of IS45LV44002B-50JA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X